Part Number Hot Search : 
SFH6316 GMBTA64 1490A D1975 GU1085 5SDPST LVC14A STUB056
Product Description
Full Text Search
 

To Download CRCW020144R2FNED Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crcw0201 e3 www.vishay.com vishay revision: 06-jun-12 1 document number: 20052 for technical questions, contact: thickfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 lead (pb)-free commodity thick film chip resistors features ? high volume product suitable for commercial applications ? pure tin solder contacts on ni barrier layer provides compatibility with lead (pb)-free and lead containing soldering processes ? metal glaze on high quality ceramic ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 notes ? these resistors do not feature a limited lifetime when operated within the permissible limits. however, resistance value drift increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifeti me. ? power rating depends on the max. temperat ure at the solder point, the component pl acement density and the substrate material. note (1) the power dissipation on the resistor generates a temperature rise against the local ambient, depe nding on the heat flow suppor t of the printed-circuit bo ard (thermal resistance). the rated di ssipation applie s only if the permitted film temperature of 155 c is n ot exceeded. standard electrical specifications model case size inch case size metric power rating p 70 w limiting element voltage u max. ac rms /dc v temperature coefficient ppm/k tolerance % resistance range ? series crcw0201 0201 rr 0603m 0.05 30 200 0.5 10.0 to 10m e96 - 200/+ 400 1.0 to 9.76 100 1 47.0 to 10m e24; e96 200 10.0 to 10m - 200/+ 400 1.0 to 9.76 200 5 10.0 to 10m e24 - 200/+ 400 1.0 to 9.76 zero-ohm-resistor: r max. = 50 m ? , i max. at 70 c = 1.0 a technical specifications parameter unit crcw0201 rated dissipation at 70 c (1) w0.05 operating voltage u max. ac rms /dc v 30 insulation voltage u ins (1 min) v 50 insulation resistance ? > 10 9 operating temperature range c - 55 to + 155 weight/1000 pieces mg 0.17
crcw0201 e3 www.vishay.com vishay revision: 06-jun-12 2 document number: 20052 for technical questions, contact: thickfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in millimeters note ? no marking for 0201 size. part number and product description part number: crcw02011k00fned model value tolerance tcr packaging crcw0201 r = decimal k = thousand m = million 0000 = jumper d = 0.5 % f = 1.0 % j = 5.0 % z = jumper k = 100 ppm/k n = 200 ppm/k x = - 200 ppm/k/+ 400 ppm/k 0 = jumper ed ee ei product description: crcw0201 100 1k0 1 % et7 e3 crcw0201 100 562r 1 % et7 e3 model tcr resistance value tolerance value packaging lead (pb)-free crcw0201 200 ppm/k 100 ppm/k - 200/+ 400 ppm/k 1r0 = 1 ? 10r = 10 ? 1k0 = 1 k ? 10k = 10 k ? 1m0 = 1 m ? 0r0 = jumper 0.5 % 1 % 5 % et7 ef4 et2 e3 = pure tin termination finish packaging model code quantity carrier tape width pitch reel diameter crcw0201 ed = et7 10 000 paper tape acc. to iec 60068-3 type i 8 mm 2 mm 180 mm/7" ei = et2 20 000 254 mm/10" ee = ef4 50 000 330 mm/13" size dimensions solder pad dimensions inch metric l w h t1 t2 a b l 0201 0603 0.6 0.05 0.3 0.05 0.23 0.05 0.15 0.05 0.2 + 0.05 - 0.10 0.28 0.43 0.23 c r c w 0 2 0 1 1 k 0 0 f k e d
crcw0201 e3 www.vishay.com vishay revision: 06-jun-12 3 document number: 20052 for technical questions, contact: thickfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 derating test procedures and requirements en 60115-1 clause iec 60068-2 test method test procedure requirements permissible change ( ? r ) stability for product types: crcw0201 e3 1 ?? to 10 m ? 4.5 - resistance - 0.5 %; 1 %; 5 % 4.7 - voltage proof u = 1.4 x u ins ; 60 s no flashover or breakdown 4.13 58 (td) solderability solder bath method; sn60pb40 non activated flux; (235 5) c (2 0.2) s good tinning ( ? 95 % covered) no visible damage solder bath method; sn96.5ag3cu0.5 non-activated flux; (245 5) c (3 0.3) s good tinning ( ? 95 % covered) no visible damage 4.8.4.2 - temperature coefficient (20/- 55/20) c and (20/125/20) c 100 ppm/k, 200 ppm/k, - 200 ppm/k/+ 400 ppm/k 4.32 21 (uu 3 ) shear (adhesion) 9 n no visible damage 4.33 21 (uu 1 ) substrate bending depth 2 mm; 3 times no visible damage, no open circuit in bent position (0.5 % r + 0.05 ? ) 4.19 14 (na) rapid change of temperature 30 min. at - 55 c; 30 min. at 125 c 5 cycles (0.5 % r + 0.05 ? ) 1000 cycles (1 % r + 0.05 ? ) - 50 0 50 100 150 0 ambient temperature amb in c fraction of rated dissipation p 70 in % 50 100 70 ?
crcw0201 e3 www.vishay.com vishay revision: 06-jun-12 4 document number: 20052 for technical questions, contact: thickfilmchip@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 all tests are carried out in accordance with the following specifications: ? en 60115-1, generic specification ? en 140400, sectional specification ? en 140401-802, detail specification ? iec 60068-2-x, environmental test procedures packaging of components is done in paper tapes according to iec 60286-3. 4.23 - climatic sequence: - (2 % r + 0.1 ? ) 4.23.2 2 (ba) dry heat 125 c; 16 h 4.23.3 30 (db) damp heat, cyclic 55 c; ? 90 % rh; 24 h; 1 cycle 4.23.4 1 (aa) cold - 55 c; 2 h 4.23.5 13 (m) low air pressu re 1 kpa; (25 10) c; 1 h 4.23.6 30 (db) damp heat, cyclic 55 c; ? 90 % rh; 24 h; 5 cycles 4.23.7 - dc load u = ? u max. 4.25.1 - endurance at 70 c u = ? u max.; 1.5 h on; 0.5 h off; 70 c; 1000 h (2 % r + 0.1 ? ) 70 c; 8000 h (4 % r + 0.1 ? ) 4.18.2 58 (td) resistance to soldering heat solder bath method (260 5) c; (10 1) s (1 % r + 0.05 ? ) 4.35 - flamability, needle flame test iec 60695-11-5; 10 s no burning after 30 s 4.24 78 (cab) damp heat, steady state (40 2) c; (93 3) % rh; 56 days (2 % r + 0.1 ? ) 4.25.3 - endurance at upper category temperature 155 c, 1000 h (2 % r + 0.1 ? ) 4.29 45 (xa) component solvent resistance isopropyl alcohol; 50 c; method 2 no visible damage 4.22 6 (fc) vibration, endurance by sweeping f = 10 hz to 2000 hz; x, y, z ? 1.5 mm; a ? 200 m/s 2 ; 10 sweeps per axis (0.5 % r + 0.05 ? ) test procedures and requirements en 60115-1 clause iec 60068-2 test method test procedure requirements permissible change ( ? r ) stability for product types: crcw0201 e3 1 ?? to 10 m ? p 70 x r p 70 x r
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: vishay: ? crcw0201172rfned? crcw0201499rfned? crcw020113k3fned? crcw020130k1fned? crcw020137k4fned? crcw020140k2fned? crcw020118k2fned? crcw020119r6fned? crcw020121r0fned? crcw0201330kjned? crcw020134r8fned? crcw020136k0fked? crcw020136r0fned? crcw020142r2fned? crcw020143r2fned? crcw020147r0fked? crcw020149r9fked? crcw0201680kjned? crcw0201820kjned? crcw020182k0jned? crcw020118r2fked? crcw020151r0fked? crcw020153r6fked? crcw020156r2fked? crcw0201100rfked? crcw0201172rfked? crcw0201174rfked? crcw0201200rfked? crcw02019k76fked? crcw020111k0fked? crcw020113k3fked? crcw020130k0fked? crcw020137k4fked? crcw020139k2fked? crcw020140k2fked? crcw02011m00fked? crcw020127r4fned? CRCW020144R2FNED? crcw020139r2fned? crcw020130r1fned? crcw020124r3fned? crcw020112r1fned? crcw0201237kfked? crcw0201261kfked? crcw02011k07fked? crcw02011k10fked? crcw02011k18fked? crcw02011k20fked? crcw02011k21fked? crcw02011k24fked? crcw02011k33fked? crcw02011k37fked? crcw02011k50fked? crcw02011k54fked? crcw02011k58fked? crcw02011k60fked? crcw02011k91fked? crcw02011k96fked? crcw020110k5fked? crcw020110k7fked? crcw0201105kfked? crcw0201107rfked? crcw020111k3fked? crcw020111k5fked? crcw0201113rfked? crcw0201115rfked? crcw0201118rfked? crcw020112k7fked? crcw0201120kfked? crcw0201121kfked? crcw0201121rfked? crcw020113k0jned? crcw0201130rfked? crcw0201130rjned? crcw0201133rfked? crcw0201137rfked? crcw020114k0fked? crcw020114k3fked? crcw020114k7fked? crcw020114r0fned? crcw0201140rfked? crcw0201143rfked? crcw0201147rfked? crcw020115k0fked? crcw0201150kfked? crcw0201150rfked? crcw0201154rfked? crcw0201158kfked? crcw0201158rfked? crcw020116k2fked? crcw020116k5fked? crcw0201160kjned? crcw0201162kfked? crcw0201165rfked? crcw0201174kfked? crcw020118k2fked? crcw0201182kfked? crcw0201187kfked? crcw0201187rfked? crcw020119k1fked


▲Up To Search▲   

 
Price & Availability of CRCW020144R2FNED

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X